ATS-08B-54-C2-R0
AI

The **ATS-08B-54-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide maximum surface area for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 7.00°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Style** | Straight (maxiFLOW design) |
| **Interface Material** | T766 (Thermal Tape/Paste) |
---
### 2. Key Electronic Features
While a heat sink is a passive component, its design is critical for the stability of active electronics:
* **maxiFLOW™ Geometry:** The profile features a flared fin structure. This reduces pressure drop and increases air turbulence, which is vital for pulling heat away from high-power chips.
* **pushPIN™ Attachment:** Instead of messy adhesives, this part uses a mechanical spring-loaded pin system. This ensures a consistent **Contact Pressure** against the electronic component, which optimizes thermal transfer.
* **Thermal Interface Material (TIM):** It comes pre-applied with a high-performance thermal pad. This fills the microscopic air gaps between the heat sink and the chip, preventing "hot spots" that can lead to component failure.
* **Blue Anodized Finish:** The surface treatment is not just for aesthetics; it provides moderate corrosion resistance and slightly improves thermal radiation properties.
---
### 3. Application Use-Cases
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network processors.
2. **Power Supplies:** Managing heat for MOSFETs or power regulators.
3. **Embedded Systems:** Industrial PCs where airflow might be restricted.
---
- ⤷
What is the significance of the 7.00°C/W thermal resistance rating?
- ⤷ How does the pushPIN™ system compare to traditional adhesive mounting?
- ⤷ Can this heat sink be used for liquid cooling applications?