ATS-08B-76-C3-R0
AI

The part number **ATS-08B-76-C3-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Thermal Resistance** | 11.84 °C/W (at 200 LFM) |
| **Flow Orientation** | Fine-Pitch (Vertical fins) |
---
### 2. Breakdown of Part Number Features
Understanding the nomenclature helps identify the specific capabilities of this component:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **08B:** Series designation for specific mechanical and thermal properties.
* **76:** Refers to the physical profile and fin density configuration.
* **C3:** Denotes the **Thermal Interface Material (TIM)** and color. In this case, it indicates **T412** phase-change material is pre-applied.
* **R0:** Revision code, indicating the standard compliance (RoHS compliant).
---
### 3. Key Electronic Functions
While a heat sink is a passive component, its role is critical to the stability of an electronic system:
1. **Thermal Dissipation:** It increases the surface area of a hot component, allowing heat to transfer more efficiently into the ambient air.
2. **Thermal Interface Material (TIM):** The "C3" designation means the bottom is pre-coated with a high-performance material that fills microscopic air gaps between the component and the heat sink.
3. **Mechanical Attachment:** The push-pin mechanism uses a spring-loaded design to provide consistent pressure, ensuring optimal thermal contact regardless of vibration or orientation.
---
### 4. Ideal Applications
* **Embedded Systems:** Small form-factor motherboards.
* **Telecommunications:** Cooling of high-speed network switches.
* **Power Supplies:** Heat management for voltage regulators and power transistors.
- ⤷What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the airflow requirements for a 11.84 °C/W heat sink?
- ⤷ Can the push-pins be replaced with metal screws for high-vibration environments?