ATS-08B-77-C3-R0
AI

The **ATS-08B-77-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like CPUs, GPUs, and FPGAs where airflow is directed through a duct or specialized housing.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Part Number** | ATS-08B-77-C3-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 9.58 °C/W (at 100 LFM) |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Dimensions** | 46.83mm x 46.83mm x 15mm |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Electronic/Physical Component Breakdown
#### A. The Heat Sink Body
* **maxiFLOW™ Design:** Unlike standard straight-fin heat sinks, the maxiFLOW geometry features a tapered fin design. This increases the surface area for heat dissipation while minimizing the pressure drop as air passes through.
* **Aluminum Construction:** Aluminum is used for its high thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just for aesthetics; it provides corrosion resistance and increases surface emissivity (improving radiative cooling).
#### B. The pushPIN™ Attachment System
This specific model uses a **pushPIN™** mechanism rather than adhesive or tape.
* **Components:** It consists of a high-performance plastic or metal pin and a compression spring.
* **Benefit:** It provides a precise "clamping force" (pressure) onto the electronic chip, ensuring the thermal interface material (TIM) is compressed perfectly for maximum heat transfer.
#### C. Thermal Interface Material (TIM)
* The "-R0" suffix usually indicates that the heat sink comes with a **pre-applied thermal interface material**.
* This material fills the microscopic air gaps between the heat sink base and the electronic component (e.g., a power transistor or processor), significantly reducing thermal resistance.
---
### 3. Application Use Cases
This part is typically found in high-reliability electronic environments such as:
1. **Telecommunications:** Cooling networking switches and routers.
2. **Industrial Controls:** Managing heat for motor controllers.
3. **Embedded Computing:** Cooling high-speed processors in tight enclosures.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material versions for this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of the ATS-08B-77-C3-R0?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of the pushPIN system?