ATS-08B-78-C2-R0
AI

The **ATS-08B-78-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc.** It is designed specifically for thermal management in electronic systems, particularly for cooling surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 7.71°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS-6 and REACH Compliant |
---
### 2. Key Design Features
#### A. pushPIN™ Attachment System
This heat sink uses a specialized **pushPIN™** mechanism. This is superior to traditional adhesive tapes because:
* It provides a **precise mounting pressure** to optimize thermal interface material (TIM) performance.
* It allows for secure attachment in high-vibration environments.
* The system includes a pre-drilled hole pattern for easy installation onto a PCB.
#### B. Straight Fin Geometry
The "Straight Fin" design is optimized for **forced air cooling**. While cross-cut fins are better for omnidirectional airflow, straight fins offer lower pressure drop and are highly efficient when the airflow direction is known and consistent.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with **no pre-applied thermal interface material**, or it uses a standard high-performance thermal pad. This allows engineers to select the specific TIM (grease, pad, or phase-change material) that fits their power density requirements.
---
### 3. Thermal Performance Profile
The effectiveness of the ATS-08B-78-C2-R0 depends heavily on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.71 |
| 300 (1.5 m/s) | 3.12 |
| 500 (2.5 m/s) | 2.30 |
| 700 (3.5 m/s) | 1.94 |
---
### 4. Applications
* **Networking:** Switches and routers where high-speed processors generate localized heat.
* **Embedded Computing:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or power conversion modules.
- ⤷
What are the specific PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be customized for different heights or fin densities?