ATS-08B-82-C3-R0
AI

The **ATS-08B-82-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin heatsink** manufactured by Advanced Thermal Solutions (ATS) designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 10.92°C/W (at 100 LFM) |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
---
### 2. Breakdown of the Model Number
The alphanumeric code follows a specific naming convention used by ATS:
- **ATS**: Advanced Thermal Solutions.
- **08**: Designates the specific series/footprint.
- **B**: Revision or material variant.
- **82**: Specific fin configuration and thermal profile.
- **C3**: Material and Finish (C3 typically denotes **Blue Anodized** aluminum).
- **R0**: RoHS compliance status (standard lead-free).
---
### 3. Key Electronic Cooling Features
#### A. Cross-Cut Fin Design
The heatsink utilizes a **square-cut (cross-cut)** pattern. Unlike straight fins, cross-cutting allows airflow from any direction to enter the fin array, making it ideal for systems where the airflow path is unpredictable or turbulent.
#### B. Push-Pin Attachment
The electronic assembly relies on a spring-loaded brass push-pin mechanism. This provides:
* **Constant Pressure:** Ensures optimal contact between the heatsink and the component.
* **Tool-free Installation:** Allows for quick mounting onto pre-drilled PCBs.
* **Reliability:** Better vibration resistance compared to adhesive-based solutions.
#### C. Thermal Interface Material (TIM)
The "R0" variants usually come pre-applied with high-performance **T766 Phase Change Material** or similar thermal grease. This fills microscopic air gaps between the chip and the aluminum base to maximize heat transfer.
---
### 4. Typical Applications
This part is commonly used in electronics with moderate heat dissipation requirements, such as:
* **Networking Gear:** Routers, switches, and modems.
* **Industrial PCs:** Compact embedded boards where space is limited (15mm height).
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heatsink?
- ⤷ How does the thermal resistance of this part change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Is this heatsink compatible with standard BGA chip sizes like 27x27mm?