ATS-08B-86-C3-R0
AI

The **ATS-08B-86-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table highlights the core technical data for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-08B-86-C3-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 3.10°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Flow Direction** | Longitudinal |
---
### 2. Physical Design Features
The "electronic" functionality of this part is passive, relying on fluid dynamics and material science to protect active electronic components from thermal failure.
* **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered profile. This increases the surface area while reducing the pressure drop, allowing more air to flow through the sink.
* **pushPIN™ Attachment:** This model uses a specialized attachment system consisting of a brass or plastic pin and a spring. This ensures a consistent "compression force" on the electronic chip, which is vital for maintaining a solid interface with thermal grease or pads.
* **Thermal Interface Material (TIM):** The "C3" in the part number indicates it comes pre-applied with high-performance thermal interface material (T766), ensuring low thermal resistance between the chip and the heat sink right out of the box.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by ATS:
1. **ATS-08**: Series designation (maxiFLOW™).
2. **B**: Material type (Aluminum).
3. **86**: Specific footprint/size configuration.
4. **C3**: Thermal Interface Material (TIM) type and color coding.
5. **R0**: RoHS compliance and revision status.
---
### 4. Application in Systems
In an electronic circuit, the ATS-08B-86-C3-R0 is typically used in:
* **Telecommunications:** Cooling high-speed switching silicon.
* **Embedded Computing:** Protecting processors in fan-less or restricted airflow environments.
* **Power Electronics:** Managing heat for large MOSFET arrays or voltage regulators.
- ⤷
What are the advantages of pushPIN™ over traditional adhesive mounting?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this heat sink?
- ⤷ Can this heat sink be used with liquid cooling systems?