ATS-08B-91-C3-R0
AI

The **ATS-08B-91-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-08B-91-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
### 2. Physical Dimensions
| Dimension | Measurement |
| :--- | :--- |
| **Length** | 40.00 mm |
| **Width** | 40.00 mm |
| **Height (Fin Depth)** | 10.00 mm |
| **Pitch (Hole Spacing)** | 33.00 mm |
### 3. Thermal Performance
Thermal resistance indicates how effectively the part dissipates heat. Lower values are better.
* **Thermal Resistance (Unducted Flow):** 22.07 °C/W @ 100 LFM (Linear Feet per Minute).
* **Thermal Resistance (Ducted Flow):** 3.16 °C/W @ 100 LFM.
### 4. Key Components & Technology
* **Fin Design:** This model features a **Fine-Pitch** pattern. This increases the surface area for heat dissipation while maintaining a low profile, making it ideal for tight spaces.
* **pushPIN™ Attachment:** The "pushPIN" system uses a flexible, spring-loaded mechanism. This ensures constant pressure (load) on the component, improving the interface between the heat source and the sink.
* **Thermal Interface Material (TIM):** The part typically comes with a pre-applied high-performance thermal grease or pad (T412), which fills microscopic air gaps between the component and the heatsink.
---
### Summary of Use Case
This specific part is used in environments where **vertical space is limited** (only 10mm high) but where reliable cooling is required for processors, FPGAs, or power modules. The blue anodized finish is not just for aesthetics; it provides corrosion resistance and slightly improves radiative heat transfer.
- ⤷
What are the advantages of push-pin mounting over adhesive mounting for heatsinks?
- ⤷ How does 'Ducted Flow' differ from 'Unducted Flow' in thermal testing?
- ⤷ Can this heatsink be used for high-power CPUs
- ⤷ or is it intended for smaller chips?