ATS-08D-114-C2-R0
AI

The **ATS-08D-114-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch (Rectangular) |
| **Overall Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 7.41 °C/W (at 100 LFM) |
| **Flow Orientation** | Vertical/Horizontal (Directional) |
---
## 2. Key Electronic Components & Design
The ATS-08D-114-C2-R0 is engineered with specific electronic cooling requirements in mind:
### A. The PushPIN™ Mounting System
Instead of using messy thermal adhesives or complex screws, this part utilizes a **spring-loaded push-pin**.
- **Benefit:** Provides consistent pressure (clamping force) across the electronic chip, which improves thermal interface material (TIM) performance.
- **Reliability:** Pre-assembled with a specialized spring to prevent board warping.
### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **ATS-PPS-08** (or similar T766) thermal grease.
- **Purpose:** Fills microscopic air gaps between the silicon die (CPU/GPU/FPGA) and the aluminum base to maximize heat transfer.
### C. Fin Geometry
The "Fine-Pitch" design is optimized for environments with high-velocity airflow (active cooling). The spacing between the fins is calculated to reduce pressure drop while maximizing the surface area exposed to the air.
---
## 3. Common Applications
This heat sink is typically found in the following electronic systems:
* **Networking Equipment:** Routers, switches, and base stations.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** Single-board computers and industrial controllers.
* **FPGA Cooling:** High-speed logic gates that generate significant localized heat.
---
- ⤷
What is the difference between Blue Anodized and other coatings in terms of thermal performance?
- ⤷ How do I calculate if the 7.41 \u00b0C/W resistance is sufficient for my specific chip?
- ⤷ Can this heat sink be reused if I move it to a different PCB?