ATS-08D-130-C2-R0
AI

The **ATS-08D-130-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (Body), Blue Anodized (Finish) |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Thermal Resistance** | 5.23°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface** | T766 (Pre-applied thermal grease) |
| **Fin Style** | Fine Pitch (straight fins) |
---
## Key Components & Features
### 1. The Heat Sink Body
Constructed from **Aluminum 6063**, it offers a high strength-to-weight ratio and excellent thermal conductivity. The **Blue Anodized finish** is not just for aesthetics; it provides surface protection against corrosion and slightly improves radiant heat transfer.
### 2. pushPIN™ Attachment System
This part utilizes a standardized "push-pin" mechanism. This is critical for electronics because:
* **Constant Pressure:** It ensures the heat sink is pressed firmly against the chip, minimizing air gaps.
* **Ease of Assembly:** It allows for quick installation on PCBs without specialized tools.
* **Secure Fit:** The flexible springs account for thermal expansion and contraction during operation.
### 3. Thermal Interface Material (TIM)
The part comes with **T766 thermal grease** pre-applied to the base. This material fills the microscopic imperfections between the heat sink and the electronic component, ensuring efficient heat conduction.
---
## Performance Metrics
Thermal resistance is the most important metric for this part. It measures how many degrees Celsius the component temperature will rise per watt of power dissipated.
* **Low Airflow (100 LFM):** 5.23°C/W
* **High Airflow (700 LFM):** 1.83°C/W
*Note: As airflow increases, the efficiency of the heat sink improves significantly.*
---
- ⤷
What are the different types of push-pin materials available for this heat sink?
- ⤷ How does the T766 thermal interface material compare to other TIMs?
- ⤷ Can this heat sink be used for passive cooling without a fan?