ATS-08D-133-C2-R0
AI

The **ATS-08D-133-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.42°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 70.00 mm x 70.00 mm |
| **Height** | 10.00 mm |
| **Pitch** | Fine Pitch |
---
### 2. Key Components & Design Features
#### A. Fin Design
The unit features **Straight Fins** with a "Fine Pitch" configuration. This increases the surface area available for heat transfer, making it highly effective in systems with forced air cooling (fans).
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this part uses the ATS proprietary **pushPIN™** system:
* **Spring-loaded:** Ensures even pressure across the component surface for maximum thermal contact.
* **Reliability:** Resistant to vibration and mechanical shock compared to peel-and-stick solutions.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material** (usually a high-performance phase-change material or grease). This fills microscopic air gaps between the heat source and the heat sink base.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "Low Profile" solution due to its 10mm height. It is commonly used in:
* **1U/2U Servers:** Where vertical space is strictly limited.
* **Networking Gear:** Switches and routers.
* **Embedded Systems:** Industrial PCs where high-density components generate significant heat.
---
### 4. Thermal Performance Comparison
*Performance varies based on airflow (LFM - Linear Feet per Minute):*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.42 |
| 300 (1.5 m/s) | 3.65 |
| 500 (2.5 m/s) | 2.82 |
---
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ Are there alternative attachment methods if my PCB doesn't have mounting holes?