ATS-08D-14-C2-R0
AI

The **ATS-08D-14-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. This specific part belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components like CPUs, GPUs, and power modules.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.97°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 10.00mm |
| **Fin Configuration** | Fine Pitch (Square Pattern) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's geometry and mounting:
* **ATS-08**: Refers to the series and specific internal designator.
* **D**: Indicates the attachment style or hole pattern.
* **14**: Represents the specific fin pattern or height variation.
* **C2**: Refers to the **Thermal Interface Material (TIM)**. In this case, it typically comes with **T766** pre-applied.
* **R0**: Indicates the revision and finish (Blue Anodized).
---
### 3. Core Features
#### A. Attachment System (pushPIN™)
The "pushPIN™" system uses a flexible, spring-loaded mechanism. This ensures:
* **Constant Pressure:** Maintains uniform contact between the heat sink and the heat source.
* **Tool-less Installation:** Securely attaches to the PCB via pre-drilled holes without needing complex mounting hardware.
#### B. Thermal Performance
Designed for low-profile applications, it offers high surface area relative to its height (10mm). The fine-pitch fin design maximizes heat dissipation in both forced-air (fan) and natural convection environments.
#### C. Thermal Interface Material (TIM)
The **C2** designation means the part comes with a pre-applied thermal pad or grease. This eliminates the need for manual application, reducing assembly time and ensuring optimal heat transfer from the chip to the aluminum.
---
### 4. Typical Applications
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and MOSFET cooling.
- ⤷
What are the exact hole-to-hole mounting dimensions for this heat sink?
- ⤷ How does the 'C2' thermal material compare to other options in the ATS series?
- ⤷ What is the recommended airflow direction for the fine-pitch fin pattern?