AI

The **ATS-08D-157-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*, specifically part of the **pushPIN™** series. These components are critical in electronics for thermal management, preventing semiconductors from overheating.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.35°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 30.00 mm |
| **Fin Pattern** | XC-CUT (Cross-cut) |
---
### 2. Key Electronic Functions
In an electronic circuit, this heat sink serves as a **passive cooling component**:
* **Heat Dissipation:** It increases the surface area of a hot component (like a CPU, GPU, or MOSFET), allowing heat to transfer into the ambient air more efficiently.
* **Thermal Interface:** It is designed to be used with a Thermal Interface Material (TIM), such as thermal grease or a pad, to bridge the microscopic air gaps between the chip and the heat sink.
* **Thermal Stability:** By maintaining a lower operating temperature, it prevents "thermal throttling" and extends the MTBF (Mean Time Between Failures) of the electronic assembly.
---
### 3. Mechanical Design Features
* **Push-Pin Attachment:** This model uses a flexible, spring-loaded mechanism. This ensures consistent pressure across the component for optimal heat transfer without over-stressing the PCB.
* **Cross-Cut Fin Design:** The "XC-CUT" fin profile allows for airflow from any direction, making it highly versatile for compact enclosures where airflow might be unpredictable.
* **Pre-Applied TIM:** Most variants in this series come with pre-applied high-performance thermal interface material to simplify assembly.
---
### 4. Typical Applications
* Embedded systems and Single Board Computers (SBCs).
* High-speed networking equipment (routers, switches).
* Power supplies and industrial controllers.
* LED lighting thermal management.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Does this specific model come with pre-applied thermal interface material?
- ⤷ What size PCB holes are required for the pushPIN attachment?