ATS-08D-166-C1-R0
AI

The **ATS-08D-166-C1-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*, specifically part of the **maxiFLOW™** series. These components are critical in power electronics to manage thermal loads and prevent component failure.
---
### 1. Component Specifications
The following table outlines the physical and technical properties of this specific heat sink:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 12.18°C/W (at 200 LFM) |
---
### 2. Key Design Features
The electronic and mechanical design focuses on maximizing surface area while minimizing weight.
* **Tapered Fin Design:** The "maxiFLOW" geometry features a spread fin structure. This increases the surface area for convection cooling while maintaining a low pressure drop, making it efficient in forced-air environments (using fans).
* **pushPIN™ Attachment:** Instead of messy thermal adhesives, this model uses a spring-loaded pin system. This ensures a consistent **pressure** between the heat sink and the electronic chip, which is vital for optimal thermal interface material (TIM) performance.
* **Material Science:** The use of 6063 aluminum provides high thermal conductivity ($\approx 200 \text{ W/m·K}$) while the blue anodized coating protects the metal from oxidation and increases emissivity.
---
### 3. Application Use Cases
This part is typically found in the following electronic sectors:
1. **Embedded Systems:** Cooling Microprocessors or SoCs in compact enclosures.
2. **Telecommunications:** Managing heat in high-speed networking switches.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators that generate localized heat spikes.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 15.82 |
| **200** | 12.18 |
| **300** | 10.44 |
| **400** | 9.22 |
- ⤷
How do I calculate the required LFM for my specific chip wattage?
- ⤷ What is the specific hole pattern required for the pushPIN attachment?
- ⤷ Are there alternative thermal interface materials recommended for this heat sink?