ATS-08D-174-C2-R0
AI

The **ATS-08D-174-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other heat-generating components.
---
### 1. Technical Specifications
The following table highlights the primary mechanical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 4.02°C/W (at 100 LFM) |
| **Footprint (L x W)** | 30.00mm x 30.00mm |
| **Height** | 25.00mm |
---
### 2. Key Features and Design
#### **Fin Design (Cross-Cut)**
The "174" series typically utilizes a **cross-cut** or high-density fin pattern. This design increases the surface area available for heat exchange and is optimized for airflow from multiple directions, making it ideal for high-component-density PCBs.
#### **Attachment Mechanism: pushPIN™**
The part uses a push-pin attachment system rather than thermal adhesive. This provides several advantages:
* **Constant Pressure:** A compression spring ensures consistent contact between the heat sink and the component, maximizing thermal transfer.
* **Reliability:** It is more resistant to shock and vibration compared to adhesive tapes.
* **Ease of Installation:** Pre-drilled holes in the PCB allow for quick assembly.
#### **Thermal Interface Material (TIM)**
The suffix **R0** indicates that the part comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad. This eliminates the need for manual application of thermal grease and ensures a uniform bond.
---
### 3. Application Use Cases
The ATS-08D-174-C2-R0 is commonly found in the following electronic environments:
* **Telecommunications:** Cooling small-form-factor routers and switches.
* **Embedded Systems:** Cooling SoCs (System on Chips) and FPGAs.
* **Power Supplies:** Managing heat for MOSFETs or power regulators.
* **Industrial Controls:** Protecting sensitive electronics in compact enclosures.
---
- ⤷
What is the difference between Blue Anodized and Gold Anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific thermal resistance?
- ⤷ Can this push-pin assembly be reused after being removed from a PCB?