ATS-08D-202-C2-R0
AI

The **ATS-08D-202-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs.
---
## 🛠️ Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | ATS-PPS-08 (Brass) |
| **Dimensions (L x W)** | 54.00mm x 54.00mm |
| **Height** | 15.00mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 🔍 Key Electronic Components & Features
### 1. The Heat Sink Body
The body is constructed from **Aluminum** for optimal thermal conductivity-to-weight ratio. The fin design is typically a "straight-fin" or "cross-cut" pattern designed to maximize surface area, allowing heat to dissipate from the electronic component into the surrounding air.
### 2. Push-Pin Attachment System
Unlike adhesive-based heat sinks, the **ATS-08D-202-C2-R0** uses a mechanical push-pin system.
* **Purpose:** Provides consistent pressure across the surface of the chip.
* **Benefit:** Ensures reliable contact even under mechanical vibration or thermal expansion/contraction.
### 3. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied.
* **Function:** Fills the microscopic air gaps between the heat sink base and the electronic component.
* **Importance:** Air is a poor conductor of heat; the TIM ensures a low thermal resistance path for efficient cooling.
### 4. Thermal Performance
The efficiency of this part is measured by its thermal resistance (expressed in °C/W).
* **At 100 LFM (Linear Feet per Minute):** ~14.83 °C/W
* **At 700 LFM:** ~4.73 °C/W
*Note: Higher airflow significantly increases the cooling capability of this part.*
---
## 📦 Applications
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Power Electronics:** Managing heat for power converters and high-draw voltage regulators.
- ⤷
What are the PCB hole requirements for the ATS-PPS-08 push-pin?
- ⤷ How does the T766 thermal material compare to standard silicone grease?
- ⤷ Is there a low-profile version of this heat sink for 1U server racks?