ATS-08D-26-C2-R0
AI

The **ATS-08D-26-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink from the "blueICE" series designed for cooling electronic integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70mm x 70mm x 10mm |
| **Attachment Method** | Push-pin (Brass) |
| **Thermal Resistance** | 14.22°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design and Components
This part is engineered for precision cooling in space-constrained environments:
* **Fins:** It utilizes a **Fine Pitch** design. The high density of fins increases the total surface area, allowing for better heat dissipation into the surrounding air.
* **Push-Pin Attachment:** The assembly includes a brass push-pin mechanism and a high-performance compression spring. This ensures a secure fit and constant pressure against the chip for optimal heat transfer.
* **Thermal Interface Material (TIM):** It comes with **T766** pre-applied to the base. This material fills microscopic air gaps between the heat sink and the component (like a CPU or FPGA) to maximize thermal conductivity.
---
### 3. Application Use-Cases
The ATS-08D-26-C2-R0 is typically used in industrial and high-speed computing environments where heat management is critical:
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** For industrial PCs where vertical space (10mm height) is limited.
3. **Power Supplies:** Managing heat on MOSFETs or large voltage regulators.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 14.22 | 3.96 | 2.02 |
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How does the push-pin mounting compare to adhesive thermal tape?
- ⤷ Can this heat sink be used for passive cooling without a fan?