ATS-08D-32-C3-R0
AI

The **ATS-08D-32-C3-R0** is a high-performance electronic thermal management component, specifically a **Pin-Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Thermal Resistance** | 21.54 °C/W (Natural) / 1.17 °C/W (3.0 m/s) |
| **Fin Style** | Square Pin-Fin |
| **Compliance** | RoHS Compliant |
---
### Key Electronic & Mechanical Components
#### 1. Pin-Fin Geometry
Unlike traditional straight-fin heat sinks, the **Pin-Fin** design features a grid of vertical pins. This increases the surface area and creates turbulence in the airflow, which significantly enhances heat transfer in environments where the airflow direction might be inconsistent.
#### 2. pushPIN™ Attachment System
The "R0" in the part number indicates a specific attachment kit. This system uses:
* **Brass Bolts/Pins:** To secure the sink to the PCB.
* **Compression Springs:** To provide precise, uniform pressure (Force) on the electronic component, ensuring optimal contact with the Thermal Interface Material (TIM).
#### 3. Thermal Interface Material (TIM)
The "C3" designation typically refers to the pre-applied thermal material. In this series, it usually indicates **T766** phase-change material or a high-performance thermal grease, which fills microscopic air gaps between the chip and the heat sink base.
---
### Thermal Performance Overview
| Airflow Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (200 LFM) | 2.51 |
| 2.0 (400 LFM) | 1.51 |
| 3.0 (600 LFM) | 1.17 |
---
### Typical Applications
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Managing heat in high-speed networking switches.
* **Power Electronics:** Dissipating heat from large MOSFETs or IGBT modules.
- ⤷
How does the pushPIN™ system compare to adhesive-based heat sink mounting?
- ⤷ What are the advantages of blue anodizing beyond aesthetics?
- ⤷ Can this heat sink be used in passive cooling environments without fans?