ATS-08D-36-C3-R0
AI

The **ATS-08D-36-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (High Performance) |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance** | 1.50°C/W @ 200 LFM (Linear Feet per Minute) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 12.70mm |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
The part number signifies the inclusion of a specialized **pushPIN™** system. This ensures consistent pressure across the surface of the electronic chip, which is critical for maximizing heat transfer and preventing the component from cracking due to uneven weight distribution.
#### B. Flared Fin Design
The "maxiFLOW" geometry features fins that are slightly flared. This design:
* Reduces pressure drop across the heat sink.
* Increases the surface area for air-to-metal contact.
* Improves cooling efficiency in environments with constrained airflow.
#### C. T412 Thermal Interface Material
The unit comes with **T412** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic component, ensuring the lowest possible thermal resistance.
---
### 3. Application Use Cases
* **Networking Equipment:** Switches and routers where high-density components generate significant heat.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
* **Power Electronics:** Cooling MOSFETs or voltage regulators in power supply units.
- ⤷
What are the differences between pushPIN and adhesive mounting for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Can this heat sink be used with a custom fan assembly?