ATS-08D-45-C3-R0
AI

The **ATS-08D-45-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### ## Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance (Flowing)** | 2.50°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 15.14°C/W (Natural Convection) |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Fin Style** | Straight (Fine Pitch) |
---
### ## Component Breakdown
### 1. The Fin Design (Cross-Cut)
The ATS-08D-45-C3-R0 features a **fine-pitch fin design**. This maximizes the surface area available for heat transfer within a small footprint (25mm x 25mm). The straight fins are optimized for forced-air cooling (fan-driven systems).
### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring system**:
* **Reliability:** Provides consistent pressure (clamping force) on the electronic component.
* **Installation:** Requires pre-drilled holes on the PCB (typically 3.0mm diameter).
* **Spring Type:** Usually stainless steel or brass for durability.
### 3. Thermal Interface Material (TIM)
The "R0" suffix generally indicates that the part comes with **pre-applied Thermal Interface Material**. This is a high-performance thermal pad or grease located on the base of the heat sink, ensuring there are no air gaps between the heat sink and the chip it is cooling.
### 4. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiative heat transfer.
---
### ## Typical Applications
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Cooling ASICs in networking switches or routers.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting?
- ⤷ How does the 'LFM' airflow rating affect the thermal resistance calculation?
- ⤷ Can this heat sink be used without a fan (passive cooling)?