ATS-08D-51-C2-R0
AI

The **ATS-08D-51-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.69°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
* **Heat Sink Profile:** It features a **Straight-Fin** design. This is optimized for high-airflow environments where air moves in a specific direction through the fins.
* **Push-Pin Attachment:** The "R0" at the end indicates the specific attachment kit. Push-pins provide a secure, vibration-resistant mount to the PCB using pre-drilled holes.
* **Material Efficiency:** Made from extruded aluminum, which provides a balance between weight, cost, and high thermal conductivity.
* **Pre-applied TIM:** It comes with **T766** thermal grease already applied to the base, ensuring immediate installation and reliable heat transfer from the chip to the aluminum.
---
### 3. Electronic Performance Impact
The primary "electronic" function of this part is to maintain the **Junction Temperature ($T_j$)** of a semiconductor device within safe limits.
1. **Preventing Thermal Throttling:** By keeping the chip cool, it allows the processor to maintain high clock speeds without triggering internal safety shutdowns.
2. **Extended Lifespan:** Electronic components follow the *Arrhenius Law*; reducing the operating temperature by 10°C can significantly increase the Mean Time Between Failures (MTBF).
3. **Pressure Application:** The push-pin spring mechanism provides consistent downward pressure, ensuring there are no air gaps between the component and the heat sink.
---
- ⤷
What is the difference between this push-pin model and an adhesive-back heat sink?
- ⤷ How do I calculate if the 6.69°C/W thermal resistance is sufficient for my 15W chip?
- ⤷ Are there alternative fin designs like cross-cut available for this footprint?