ATS-08D-73-C3-R0
AI

The **ATS-08D-73-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling integrated circuits (ICs) and other electronic components.
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch |
| **Pattern** | Straight Fin |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height (H)** | 20.00 mm |
| **Pitch** | 1.14 mm |
| **Thermal Resistance** | 1.50 °C/W (@ 1.0 m/s) |
---
### Component Breakdown
#### 1. Heat Sink Body
The body is made of **AL6063 aluminum**, which offers a high thermal conductivity-to-weight ratio. The "Fine-Pitch" design increases the surface area significantly, allowing for better heat dissipation into the surrounding air via convection.
#### 2. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this model uses a mechanical mounting system:
* **Pins:** Usually made of brass or plastic to secure the sink to the PCB.
* **Springs:** Provide constant pressure (Pre-assembled) to ensure optimal contact between the heat sink and the component.
* **Hole Pattern:** Requires specific pre-drilled holes on the PCB (typically 38.00 mm pitch for this series).
#### 3. Thermal Interface Material (TIM)
The "C3" in the part number typically indicates that the heat sink comes with a **Phase Change Material (PCM)** or high-performance thermal pad pre-applied to the base. This fills microscopic air gaps between the heat sink and the chip to reduce thermal resistance.
---
### Thermal Performance Data
The efficiency of the ATS-08D-73-C3-R0 depends heavily on the airflow (velocity) within the electronic enclosure:
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 0.5 (Unducted) | 14.71 |
| 1.0 (Unducted) | 5.42 |
| 2.0 (Unducted) | 3.12 |
| 5.0 (Unducted) | 1.50 |
---
### Common Applications
* **FPGA/ASIC Cooling:** High-speed processors that generate significant localized heat.
* **Networking Gear:** Switches and routers where consistent airflow is available.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What are the PCB hole requirements for mounting this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Is this heat sink suitable for natural convection environments without fans?