AI

The **ATS-08D-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is part of the "pushPIN™" series manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Fin Type** | Straight Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (Length/Width)** | 25.00 mm x 25.00 mm |
| **Height (Off Base)** | 30.00 mm |
| **Thermal Resistance (Unducted)** | 2.68 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.20 °C/W @ 100 LFM |
| **Finish** | Blue Anodized |
---
### 2. Electronic Application & Function
In an electronic circuit, the ATS-08D-79-C3-R0 serves as a **passive heat exchanger**. Its primary roles include:
* **Thermal Dissipation:** It increases the surface area of a heat-generating component (like a CPU, FPGA, or MOSFET), allowing the heat to be transferred into the surrounding air more efficiently.
* **Thermal Interface:** It is designed to be used with a **Thermal Interface Material (TIM)**, such as thermal grease or a pad, to bridge the microscopic air gaps between the component and the heatsink base.
* **Mechanical Stability:** The "pushPIN™" system uses a flexible attachment mechanism that provides consistent pressure across the component, ensuring reliable thermal contact while allowing for thermal expansion.
---
### 3. Part Number Breakdown
The part number can be decoded to understand its specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **08D** | Series/Specific Design Profile |
| **79** | Specific dimension/geometry code |
| **C3** | Thermal Performance/Material Grade |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Implementation Considerations
When integrating this part into an electronic design, engineers must consider:
1. **Airflow Direction:** Straight fin heatsinks are directional; maximum efficiency is achieved when airflow is parallel to the fins.
2. **Keep-out Zones:** The pushPIN™ attachment requires specific hole patterns on the PCB around the electronic component.
3. **Component Height:** At 30mm height, this is a relatively tall heatsink for its small 25x25mm footprint, making it suitable for compact enclosures with vertical space.
- ⤷What is the required PCB hole pattern for the pushPIN™ attachment?
- ⤷ How does the Blue Anodized finish affect thermal radiation?
- ⤷ What are the recommended Thermal Interface Materials for this heatsink?