ATS-08E-06-C2-R0
AI

The **ATS-08E-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "push pin" attachment series designed for cooling components like CPUs, GPUs, and other high-heat integrated circuits.
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-08E-06-C2-R0 |
| **Base Series** | superGRIP™ / Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 20.12° C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
---
### 2. Core Components & Design Features
#### A. Fin Profile (Fine-Pitch Design)
The "08E" designation refers to a specific fin pattern. These heat sinks utilize a **cross-cut** or **straight fin** geometry designed to maximize surface area within a small footprint. This allows for better heat dissipation via convection.
#### B. Push-Pin Attachment
Instead of using messy thermal adhesives or complex screws, this part uses a **spring-loaded push-pin** mechanism.
* **The Pin:** Usually made of plastic or brass.
* **The Spring:** Provides consistent downward pressure (interface pressure) to ensure the heat sink stays in contact with the electronic chip, optimizing thermal transfer.
#### C. Material and Coating
* **Aluminum 6063:** Lightweight with excellent thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; anodizing increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance.
---
### 3. Thermal Performance Indicators
The efficiency of this part is measured by its thermal resistance (lower is better). Its performance varies based on the airflow (LFM) provided by system fans:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 20.12 |
| 300 (Moderate) | 8.24 |
| 500 (High) | 5.53 |
---
### 4. Applications
This part is commonly found in:
* **Telecommunications:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where space is limited.
* **Network Hardware:** Routers and switches that require reliable, long-term cooling without mechanical failure.
---
- ⤷
How does the push-pin mounting compare to thermal adhesive in terms of reliability?
- ⤷ What is the specific hole pattern required on the PCB for this heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?