ATS-08E-08-C2-R0
AI

The **ATS-08E-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and electronic components.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Style** | Fine Pitch (Straight) |
| **Thermal Resistance** | 14.59°C/W (at 100 LFM) |
| **Spring Type** | ATS-PP-05 |
---
### 2. Key Electronic Features
The "C2" and "R0" designations in the part number refer to specific material and compliance standards critical for modern electronics:
* **Thermal Interface Material (TIM):** The **C2** suffix indicates that the part comes pre-applied with **T766** thermal phase change material. This ensures maximum heat transfer between the electronic chip (CPU, FPGA, etc.) and the aluminum sink.
* **RoHS Compliance:** The **R0** suffix confirms the part is Lead-free and meets RoHS (Restriction of Hazardous Substances) standards, making it suitable for global manufacturing.
* **Attachment Force:** The pushPIN™ system utilizes a compression spring to provide a specific "pre-load" force, ensuring consistent contact with the electronic component without damaging delicate solder balls (BGA).
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Computing:** Thermal management for System-on-Chips (SoCs) and FPGAs.
3. **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.59 |
| 300 (1.5 m/s) | 4.80 |
| 500 (2.5 m/s) | 3.11 |
- ⤷
What are the mounting requirements for the pushPIN system?
- ⤷ Is this heat sink compatible with standard BGA footprints?
- ⤷ Can the Blue Anodized finish be customized for specific conductivity requirements?