ATS-08E-101-C3-R0
AI

The **ATS-08E-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling components on printed circuit boards (PCBs).
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 30mm |
| **Thermal Resistance** | 6.70°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical / Omni-directional (High-Performance Fin design) |
---
### 2. Electronic Application & Usage
This part is not an "electronic component" in the sense of a transistor or IC, but rather a **passive cooling solution** essential for the reliability of electronic systems.
#### Key Functions:
* **Heat Dissipation:** It increases the surface area of high-heat components (like CPUs, FPGAs, or Power MOSFETs), allowing air to carry heat away more efficiently.
* **Thermal Protection:** Prevents thermal throttling or permanent damage to semiconductors by maintaining a safe junction temperature.
* **EMI Shielding:** In some specific layouts, the metal mass can provide minor incidental electromagnetic interference (EMI) reduction, though this is not its primary purpose.
---
### 3. Component Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
1. **ATS-08**: The series identifier (Push-Pin Heat Sink series).
2. **E**: Denotes the mounting hole pattern/spacing.
3. **101**: The specific fin configuration and geometry.
4. **C3**: Indicates the **Thermal Interface Material (TIM)** and finish. In this case, it usually refers to a Blue Anodized finish with a specific pre-applied thermal pad or grease.
5. **R0**: Revision or packaging code.
---
### 4. Installation Design
The "Push Pin" system consists of:
* **The Pin:** A plastic or brass plunger.
* **The Spring:** Provides constant downward pressure to ensure the thermal interface material makes perfect contact with the electronic chip.
* **Hole Pattern:** Requires pre-drilled holes in the PCB at a specific distance (calculated based on the 'E' designator).
- ⤷
What is the exact mounting hole spacing for the 'E' pattern in this series?
- ⤷ How does the 'C3' thermal interface material compare to C1 or C2?
- ⤷ What is the recommended airflow direction for this specific fin geometry?