ATS-08E-124-C2-R0
AI

The **ATS-08E-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by Advanced Thermal Solutions (ATS).
Below is a breakdown of its technical specifications and electronic application characteristics.
### 1. Technical Specifications
The part is designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08E-124-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Dimensions** | 50.00mm x 50.00mm x 25.00mm |
| **Thermal Resistance** | 3.18°C/W (at 100 LFM) |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
The body is made of **AL6063 aluminum**, which is preferred in electronics for its high thermal conductivity and lightweight properties. The **Blue Anodized** coating is not just for aesthetics; it increases surface emissivity and provides corrosion resistance.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses a **pushPIN™** system:
* **Brass Components:** The pins are typically made of brass or plastic.
* **Compression Springs:** These ensure "Precise Force Control," providing a specific amount of pressure (PSI) to the electronic chip to maximize heat transfer without cracking the silicon die.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually signifies that the part comes with **T766 thermal interface material** pre-applied. This is a "phase change" or high-performance pad that fills microscopic air gaps between the component and the heat sink.
---
### 3. Thermal Performance Data
Performance varies based on the airflow (Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.18 |
| 300 (1.5 m/s) | 1.81 |
| 500 (2.5 m/s) | 1.48 |
| 700 (3.5 m/s) | 1.30 |
---
### 4. Implementation Code (CAD Integration)
Engineers often use specific dimensions for PCB layout. Here is a representation of the mounting hole requirement:
```yaml
PCB_Layout_Requirements:
Hole_Diameter: 3.175mm (0.125 in)
Hole_Spacing_X: 43.00mm
Hole_Spacing_Y: 43.00mm
Component_Height_Clearance: 25.00mm
```
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if 3.18°C/W is sufficient for my specific processor?
- ⤷ Can the pushPIN system be reused if the component is replaced?