Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08E-129-C2-R0

  • AI
    The part number **ATS-08E-129-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed for cooling electronic components such as CPUs, GPUs, or high-power chipsets. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Product Category** | Passive Cooling / Heat Sink | | **Material** | Aluminum (AL6063) | | **Fin Style** | Straight Fin | | **Attachment Method** | superGRIP (Clip-on) | | **Thermal Resistance** | 8.68°C/W @ 100 LFM | | **Dimensions** | 54mm x 54mm x 10mm | | **Surface Finish** | Blue Anodized | --- ## 2. Component Breakdown ### Thermal Interface Material (TIM) The **"C2"** in the part number indicates the type of thermal interface material pre-applied to the base. - **Type:** T766 Phase Change Material. - **Function:** It fills microscopic air gaps between the chip and the heat sink to maximize heat transfer efficiency. ### Attachment Mechanism: superGRIP This part uses a specialized frame clip system: - **Frame Clip:** A plastic frame that snaps onto the component. - **Spring Clip:** A "M-type" stainless steel spring clip that applies consistent pressure across the center of the heat sink. - **Benefit:** No holes are required in the Printed Circuit Board (PCB), making it ideal for densely populated boards. ### Fin Design The **Straight Fin** geometry is optimized for **forced air cooling**. It allows air to flow through the channels with minimal pressure drop, which is critical for systems with high-speed fans or localized ducting. --- ## 3. Part Number Decoder Understanding the "ATS-08E-129-C2-R0" nomenclature: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **08E:** Series designation (superGRIP Aluminum). * **129:** Specific size and fin configuration. * **C2:** Thermal Interface Material (T766). * **R0:** Compliance code (RoHS compliant). ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal conductivity of the T766 phase change material used in this model?
    • ⤷ How does the superGRIP attachment method compare to push-pin mounting?
    • ⤷ Can this heat sink be used for natural convection cooling without a fan?