ATS-08E-18-C2-R0
AI

The **ATS-08E-18-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 13.38°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
---
### 2. Key Component Features
#### A. Thermal Performance
The "C2" in the part number indicates a specific thermal profile. The heatsink is designed to dissipate heat generated by chips (CPUs, GPUs, FPGAs) into the surrounding air.
* **Low Flow (100 LFM):** 13.38°C/W
* **High Flow (700 LFM):** 2.11°C/W
As air velocity increases, the efficiency of the electronic cooling improves significantly.
#### B. The pushPIN™ Attachment System
This part uses a specific mechanical interface consisting of:
* **Push-pins:** Usually made of brass or plastic.
* **Compression Springs:** These provide precisely calculated "Force" (Pressure) to ensure maximum contact between the heatsink base and the electronic component.
* **TIM (Thermal Interface Material):** Usually comes pre-applied with **T766**, a high-performance thermal grease to bridge the microscopic air gaps between the chip and the aluminum.
#### C. Cross-Cut Fin Design
Unlike straight-fin heatsinks, the ATS-08E features a cross-cut pattern. In electronics, this is beneficial because it allows for **omnidirectional airflow**, meaning the cooling efficiency is less dependent on the direction the fan is blowing.
---
### 3. Dimensional Analysis
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 35.00 mm |
| **Height** | 15.00 mm |
| **Pitch** | Fine |
---
### 4. Application in Electronic Systems
This part is commonly found in:
* **Network Switches/Routers:** For cooling ASICs.
* **Industrial PCs:** Where vibration resistance is required (the push-pin provides a more secure mechanical bond than adhesive tapes).
* **Power Supplies:** To cool MOSFETs or voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes in thermal performance?
- ⤷ How do I calculate if the 13.38°C/W resistance is sufficient for my specific chip?
- ⤷ Can the push-pin hardware be customized for different PCB thicknesses?