Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08E-192-C2-R0

  • AI
    The **ATS-08E-192-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, specifically designed for cooling electronic components such as CPUs, GPUs, and other high-heat surface mount devices. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 30mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 2.35°C/W (at 200 LFM) | | **Fin Pattern** | Cross-cut (High Efficiency) | --- ### 2. Key Features and Electronic Functionality #### A. Thermal Management The primary purpose of this part is to dissipate heat from integrated circuits (ICs). High thermal resistance leads to component degradation; this heat sink uses a **cross-cut fin pattern** to maximize surface area and facilitate airflow from multiple directions. #### B. pushPIN™ Attachment System This model utilizes the proprietary **pushPIN™** system, which is critical for electronic PCB assembly: * **Compression Springs:** Ensure consistent pressure is applied to the component for optimal thermal interface material (TIM) performance. * **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB, preventing shifting during vibration or transport. #### C. Material Science * **Aluminum Construction:** Offers a balance of high thermal conductivity and low weight to prevent mechanical stress on the PCB. * **Anodized Coating:** The blue anodization provides a layer of electrical insulation and corrosion resistance, ensuring the part does not short out nearby exposed traces. --- ### 3. Application Use Cases 1. **Telecommunications:** Used in routers and switches where constant data processing generates significant heat. 2. **Embedded Computing:** High-density boards where vertical space allows for a 30mm height profile. 3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators or power modules.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2.35°C/W thermal resistance rating?
    • ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?
    • ⤷ Are there specific PCB hole diameter requirements for this heat sink?