ATS-08E-23-C2-R0
AI

The **ATS-08E-23-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-speed chipsets on a PCB.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 60mm x 60mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 12.01 °C/W (at 1.0 m/s airflow) |
| **Fin Pattern** | Straight Fin |
| **Thermal Interface** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Number
The part number `ATS-08E-23-C2-R0` follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **08E**: Series/Designator for the specific heatsink family.
* **23**: Designates the specific dimensions (60mm x 60mm).
* **C2**: Refers to the thermal interface material and finish (Blue Anodized).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic Functions & Features
#### A. Thermal Management
The primary role of this part is to increase the surface area of a heat-generating semiconductor. It uses a **Straight Fin** design, which is optimized for airflow generated by system fans. This prevents "thermal throttling" in high-performance chips.
#### B. Mounting Mechanism
Unlike adhesive-based heatsinks, this model uses **Push-Pins**.
* **Security:** Provides consistent pressure on the chip.
* **Safety:** The plastic pins are non-conductive, reducing the risk of electrical shorts on the motherboard.
* **Springs:** Often paired with compression springs to ensure the heatsink remains in contact with the component during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The "C2" designation indicates it comes with **T766** pre-applied. This is a phase-change material or thermal pad that fills microscopic air gaps between the heatsink and the chip, significantly improving heat transfer efficiency.
---
### 4. Implementation Example
```python
# Conceptual logic for thermal monitoring of a component using this heatsink
def monitor_chip_temp(temp_celsius):
limit = 85.0 # Max operating temp for typical chipset
if temp_celsius > limit:
increase_fan_speed()
print("Warning: Heatsink thermal capacity reached.")
else:
maintain_airflow()
```
---
- ⤷What is the hole-to-hole spacing for the push-pin mounting on this model?
- ⤷ Is this heatsink suitable for passive cooling or does it require forced airflow?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?