ATS-08E-30-C2-R0
AI

The **ATS-08E-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 5.31°C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Construction
* **Fin Type:** It features a **Straight Fin** design, which is optimized for high-performance airflow environments where the air moves in a linear direction through the fins.
* **Material (Aluminum 6063):** Chosen for its excellent thermal conductivity and lightweight properties.
* **Surface Treatment:** The "Blue Anodized" finish is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
The "R0" at the end of the part number typically signifies the specific mounting hardware included. This model uses the **pushPIN™** system:
* **Pre-assembled:** It comes with a flexible, spring-loaded push-pin.
* **Compression:** The spring ensures constant pressure on the thermal interface material (TIM) to maximize heat transfer between the chip and the sink.
* **Ease of Install:** It uses pre-drilled holes in the PCB, making it more secure than adhesive tapes in high-vibration environments.
---
### 4. Application Context
This heat sink is categorized as a **Board Level** cooling solution. It is commonly used for:
* **ASICs and FPGAs:** High-density chips that generate significant localized heat.
* **Telecommunications:** Networking gear that requires 24/7 reliability.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
---
### 5. Thermal Performance Data
Performance varies based on Airflow Velocity (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.31 |
| 200 (1.0 m/s) | 1.79 |
| 300 (1.5 m/s) | 1.27 |
| 400 (2.0 m/s) | 1.05 |
- ⤷
What is the significance of the 'C2' designation in the ATS part numbering system?
- ⤷ How does 'Thermal Resistance' affect the maximum power a chip can safely consume?
- ⤷ Which Thermal Interface Materials (TIM) are recommended for use with push-pin heat sinks?