ATS-08E-32-C2-R0
AI

The **ATS-08E-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "maxiFLOW™" product line, designed to provide high cooling efficiency in constrained airflow environments.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08E-32-C2-R0 |
| **Product Category** | Heat Sinks |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 21.46°C/W (Unducted) |
| **Dimensions (L x W x H)** | 57.58mm x 36.95mm x 12.7mm |
---
### Key Electronic & Physical Components
#### 1. The pushPIN™ Attachment System
Unlike standard adhesive or clip-on heat sinks, this part uses the **pushPIN™** system. This consists of:
* **Flexible Springs:** Provide a precise, pre-calculated compression force to ensure optimal contact with the electronic component (CPU, GPU, or FPGA).
* **Plastic/Brass Push Pins:** These snap into pre-drilled holes on the PCB (Printed Circuit Board) for a secure mechanical fit.
#### 2. maxiFLOW™ Fin Geometry
The fin structure is the core "electronic part" of this assembly. It uses a **tapered fin design** which:
* Reduces pressure drop across the heat sink.
* Increases surface area for heat dissipation.
* Allows for better airflow penetration in systems with high-density component layouts.
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of Thermal Interface Material used. In this series, it typically refers to **ATS-PPS-02**, a high-performance thermal grease or pad pre-applied to the base. This material fills microscopic air gaps between the heat sink and the chip to maximize heat transfer.
---
### Application in Electronics
This heat sink is primarily used for cooling:
* **ASICs and FPGAs:** Used in telecommunications and data centers.
* **Power Modules:** Where heat density is high but vertical space is limited (12.7mm height).
* **Embedded Systems:** Where reliable mechanical attachment is required to withstand vibration or shock.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I determine the correct hole pattern on a PCB for the pushPIN attachment?
- ⤷ Are there alternative finishes to Blue Anodized if my application requires high emissivity?