ATS-08E-39-C2-R0
AI

The **ATS-08E-39-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "blue ice" or high-performance push-pin series designed for cooling integrated circuits (ICs) and other electronic packages.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 12.70mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~1.89° C/W (at 200 LFM) |
| **Flow Orientation** | Unidirectional |
---
### 2. Electronic/Thermal Performance
The primary purpose of this part is to conduct heat away from a semiconductor device (like a CPU, FPGA, or GPU) and dissipate it into the surrounding air.
* **Thermal Efficiency:** The straight-fin design is optimized for environments with consistent airflow (forced convection). The lower the thermal resistance (°C/W), the better the part is at keeping the electronic component cool.
* **Thermal Interface Material (TIM):** This specific part number (C2) usually indicates the inclusion of a high-performance thermal pad or pre-applied phase-change material (T766) to ensure low contact resistance between the chip and the aluminum base.
---
### 3. Mechanical Mounting System
The "Push-Pin" assembly is a critical electronic packaging feature:
1. **Uniform Pressure:** The springs ensure that the heat sink applies constant, even pressure across the surface of the electronic component, which prevents "hot spots."
2. **Ease of Assembly:** It allows for quick installation on a PCB (Printed Circuit Board) using pre-drilled holes, eliminating the need for messy adhesives or manual screwing.
3. **Vibration Resistance:** The spring-loaded mechanism makes it suitable for industrial or mobile electronics where vibration might cause rigid mounts to fail.
---
### 4. Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Server CPUs and embedded controllers.
* **Power Electronics:** Voltage regulators and high-power transistors.
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ What are the PCB hole size requirements for the ATS push-pin system?