ATS-08E-40-C2-R0
AI

The **ATS-08E-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in restricted airflows.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-08E-40-C2-R0 |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 25mm |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 1.45°C/W (at 200 LFM) |
| **Fin Configuration** | maxiFLOW (Tapered Fin Design) |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism: pushPIN™
Unlike standard adhesive-backed heat sinks, this model uses a **pushPIN™** system.
* **Benefits:** Ensures constant, uniform pressure on the electronic component (CPU, FPGA, or GPU), optimizing thermal transfer.
* **Hardware:** Includes a brass or plastic pin and a high-performance compression spring.
#### B. Thermal Interface Material (TIM)
The "R0" suffix indicates the inclusion of a pre-applied **Thermal Interface Material**. This fills the microscopic air gaps between the component and the heat sink base to significantly lower thermal resistance.
#### C. maxiFLOW™ Fin Geometry
The fins are not just straight blocks; they are designed with a tapered profile. This is engineered to:
1. Increase the surface area for heat dissipation.
2. Reduce the pressure drop of the air flowing through the fins.
3. Maximize airflow efficiency in systems with high component density.
---
### 3. Common Applications
This heat sink is typically found in high-reliability electronic systems where overheating can cause system failure or throttling:
* **Networking Gear:** Switches and Routers.
* **Embedded Computing:** Industrial motherboards.
* **Power Supplies:** Cooling high-wattage voltage regulators.
* **Telecom:** Base stations and signal processing units.
---
- ⤷What are the different mounting options for the pushPIN system?
- ⤷ How does the thermal resistance change at different LFM (Linear Feet per Minute) ratings?
- ⤷ Can this heat sink be used with custom thermal pads instead of the pre-applied TIM?