ATS-08E-53-C2-R0
AI

The **ATS-08E-53-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08E-53-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 30.0mm |
| **Fin Style** | Straight (Cross-cut for airflow versatility) |
| **Thermal Resistance** | ~8.50°C/W (at 100 LFM) |
---
### 2. Breakdown of the Model Number
The suffix and prefix system used by ATS provides specific information about the part's configuration:
* **ATS-08**: Refers to the specific series/profile of the heat sink.
* **E**: Indicates the attachment hole pattern or specific hardware used.
* **53**: Relates to the specific dimensions and height (30mm in this case).
* **C2**: Refers to the **Thermal Interface Material (TIM)**. C2 indicates it comes pre-applied with **T766** high-performance phase-change material.
* **R0**: Indicates the revision level and that the product is RoHS compliant.
---
### 3. Key Electronic Functions
While this is a passive mechanical part, its role in an electronic system is critical:
1. **Heat Dissipation:** It increases the surface area of high-heat components (like CPUs, FPGAs, or MOSFETs) to prevent thermal throttling or hardware failure.
2. **Airflow Optimization:** The fin design is optimized for "Natural Convection" or "Forced Air" (fans). The cross-cut pattern allows air to move through the fins from multiple directions.
3. **Mechanical Stability:** The "Push Pin" attachment uses a spring-loaded mechanism. This ensures constant, even pressure on the chip, which is vital for the efficiency of the Thermal Interface Material (TIM).
---
### 4. Typical Applications
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators and power transistors.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the push pins be replaced with screws for high-vibration environments?