Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08E-80-C2-R0

  • AI
    The **ATS-08E-80-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the *maxiFLOW™* series, specifically designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or high-power ASICs. ### 1. Technical Specifications The following table summarizes the key physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions** | 30mm x 30mm x 25mm | | **Thermal Resistance** | 1.88°C/W (at 200 LFM) | | **Fin Style** | High-performance spread fin | | **RoHS Status** | Compliant | --- ### 2. Design and Engineering Features #### A. Thermal Interface Material (TIM) This specific model usually comes pre-applied with **ATS-51**, a high-performance Phase Change Material (PCM) or thermal grease. This ensures low contact resistance between the electronic chip and the heat sink base. #### B. pushPIN™ Attachment System Instead of simple adhesive tape, the "R0" designation indicates a robust mechanical mounting system: * **Spring-loaded bolts:** Provide consistent pressure for optimal thermal contact. * **Brass/Plastic pins:** Available in various lengths to match different PCB thicknesses. * **Compression Springs:** Prevent damage to the silicon die by distributing force evenly. #### C. Aerodynamic Fin Geometry The "maxiFLOW" design features a flared fin structure. This increases the surface area and reduces pressure drop, allowing for better airflow through the heat sink even in high-density electronic enclosures. --- ### 3. Application Use Cases This component is typically used in the following electronic sectors: 1. **Telecommunications:** Cooling network switches and routers. 2. **Industrial PC:** Cooling processors in compact fanless or forced-convection chassis. 3. **Embedded Systems:** High-speed FPGA cooling where mechanical stability is required due to vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between pushPIN and thermal tape mounting for this part?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance?
    • ⤷ Is there a variant of this heat sink with different height specifications?