ATS-08E-85-C2-R0
AI

The **ATS-08E-85-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 22.98°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. The Fin Structure
The "Straight Fin" design is optimized for environments where there is a consistent, directional airflow. The 10mm height allows it to fit in low-profile enclosures while still providing a significant surface area for heat dissipation.
#### B. Attachment Mechanism (Push-Pins)
The part uses a **plastic push-pin** system with a compression spring. This provides several advantages:
* **Constant Pressure:** The spring ensures the heat sink stays firmly against the component, maximizing thermal transfer.
* **Ease of Assembly:** It can be installed quickly on a PCB with pre-drilled holes (typically 3.0mm holes).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a "Phase Change" material that softens when the component heats up, filling microscopic air gaps between the heat sink and the chip to improve thermal conductivity.
---
### 3. Thermal Performance Profile
Thermal performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Static/Natural) | 22.98 |
| 300 (Active Fan) | 8.88 |
| 500 (High Velocity) | 6.41 |
---
### 4. Application Use Cases
* **Embedded Systems:** Ideal for ARM-based processors or FPGAs in industrial controllers.
* **Telecommunications:** Used in routers and switches for cooling chipsets.
* **Power Electronics:** Cooling voltage regulators or small power modules.
- ⤷What are the specific hole-to-hole mounting dimensions for this heat sink?
- ⤷ How does the blue anodized finish impact the thermal performance?
- ⤷ Is there a copper-base version of this ATS model for higher heat loads?