ATS-08F-04-C3-R0
AI

The **ATS-08F-04-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (Al 6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 20mm |
| **Thermal Resistance** | 11.60°C/W (at 100 LFM) to 1.60°C/W (at 700 LFM) |
| **TIM (Interface Material)** | T412 (Pre-applied) |
---
### 2. Key Components & Design
The ATS-08F-04-C3-R0 is engineered with specific features to maximize cooling efficiency in restricted spaces:
* **Fin Design (XC-CUT):** This heat sink features a "Cross-Cut" fin pattern. This design allows for multi-directional airflow, making it effective in systems where the direction of the air from cooling fans might vary.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system with a compression spring. This ensures constant pressure on the electronic component, which optimizes heat transfer.
* **Thermal Interface Material (TIM):** It comes with **T412** pre-applied to the base. T412 is a high-performance thermal pad that fills microscopic air gaps between the heat sink and the chip.
* **Blue Anodized Coating:** The surface is treated with blue anodization to increase corrosion resistance and slightly improve radiation heat transfer.
---
### 3. Thermal Performance Data
Performance varies based on the Airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.58 |
| 300 (1.5 m/s) | 4.05 |
| 500 (2.5 m/s) | 2.50 |
| 700 (3.5 m/s) | 1.90 |
---
### 4. Applications
This part is typically used in:
* **Telecommunications:** Cooling of high-speed network switches.
* **Computing:** Secondary cooling for chipsets or power delivery modules (VRMs).
* **Industrial:** High-density power supplies and embedded systems.
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffix in ATS part numbers?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ Can the push-pins be replaced with screws for more secure mounting?