AI

The **ATS-08F-07-C1-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
Below are the primary mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Brass Springs |
| **Fin Type** | straight (Fine pitch) |
| **Thermal Resistance** | 16.97 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Pressure Drop** | 0.15 in. $H_2O$ |
---
## 2. Key Electronic Features
### A. Material & Surface Treatment
The heat sink is made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** coating is not just for aesthetics; it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Electrical Insulation:** The anodized layer is non-conductive, reducing the risk of short-circuits if the sink accidentally touches adjacent components.
### B. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the presence of a **Pre-applied Thermal Interface Material**. In this case, it usually features **Chomerics T766**, which ensures efficient heat transfer between the electronic chip and the aluminum base.
### C. Attachment System
Instead of using messy adhesives or conductive glues, it uses a **Push-Pin and Spring** mechanism:
* **Constant Pressure:** The brass springs ensure the heat sink is pressed against the component with consistent force, optimizing thermal contact.
* **Reliability:** Mechanical mounting is more durable than tape in high-vibration environments (e.g., industrial servers).
---
## 3. Usage Context
This part is specifically engineered for **forced air environments** (where a fan is present). Because of the high density of the fins, it performs poorly in natural convection but excels in high-airflow server racks or telecom equipment.
```text
Application Example:
- FPGA Cooling
- Network Switch Processors
- Industrial Embedded PCs
```
---
- ⤷
What are the specific hole-to-hole mounting dimensions for this heat sink?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Are there alternative attachment methods for this specific fin size?