ATS-08F-09-C2-R0
AI

The **ATS-08F-09-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Specification | Value/Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimension (Length x Width)** | 45mm x 45mm |
| **Height** | 20.00 mm |
| **Thermal Resistance** | 10.58 °C/W (at 1.0 m/s flow) |
| **Fin Type** | XCUT (Cross-cut) |
---
### 2. Core Electronic/Thermal Features
#### A. XCUT Fin Profile
The "XCUT" geometry means the fins are not just parallel lines but are cross-cut into squares or rectangles.
* **Omnidirectional Airflow:** This allows air to enter the heat sink from any direction, making it ideal for enclosures with complex airflow patterns.
* **Increased Surface Area:** The cross-cutting creates more edges, which breaks up the boundary layer of air and improves heat transfer efficiency.
#### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this model uses a **pushPIN™** mechanism.
* **Installation:** It uses plastic or brass pins with a stainless steel spring to provide a precise, repeatable pressure on the electronic component.
* **Reliability:** Ensures optimal thermal interface material (TIM) contact without over-tightening or damaging the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with **no pre-applied thermal interface material**, or a specific standard configuration. This allows engineers to choose their own high-performance thermal paste or pads based on the specific power density of the chip.
---
### 3. Application Use Cases
This heat sink is commonly found in:
1. **Telecommunications:** Cooling networking ASICs and high-speed switches.
2. **Industrial PCs:** Cooling embedded processors in fanless or low-airflow environments.
3. **Power Electronics:** Managing heat for large MOSFETs or IGBT modules.
---
- ⤷
What is the difference between XCUT and straight fin heat sinks?
- ⤷ How do I calculate the required pressure for the pushPIN system?
- ⤷ Does this model come in different heights for low-profile applications?