ATS-08F-113-C3-R0
AI

The **ATS-08F-113-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08F-113-C3-R0 |
| **Material** | Aluminum (Body), Copper (Optional Base depending on configuration) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 1.19 °C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions** | 40.00mm x 40.00mm x 10.00mm |
---
### 2. Physical Design Details
The "08F" in the part number indicates specific design characteristics within the ATS product line:
* **Fin Profile:** This model features **XC-CUT** (cross-cut) straight fins. This design allows for multidirectional airflow, making it versatile for systems where the air might not be moving in a perfectly straight path.
* **Dimensions:**
* **Width/Length:** 40mm x 40mm (Standard square footprint for medium-sized ICs).
* **Height:** 10mm (Low profile, ideal for space-constrained enclosures or 1U servers).
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T412** thermal tape or high-performance grease to ensure a low-resistance thermal path between the chip and the heat sink.
---
### 3. Mounting Mechanism: pushPIN™
One of the defining "electronic parts" of this assembly is the attachment hardware. Unlike simple adhesive heat sinks, the **ATS-08F-113-C3-R0** uses a mechanical fastening system:
1. **Push Pins:** Durable nylon or brass pins that snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These provide precise, consistent pressure across the component surface, which prevents the heat sink from shifting and improves thermal conductivity.
3. **Reliability:** Mechanical mounting is preferred in high-vibration environments (like industrial machinery or automotive electronics) where adhesive might fail over time.
---
### 4. Cooling Performance
The efficiency of this part is measured by its thermal resistance. Lower values indicate better cooling:
* **@ 100 LFM (Airflow):** 1.19 °C/W
* **@ 500 LFM (Airflow):** 0.70 °C/W (Approximate)
This makes the part suitable for components generating moderate to high heat that require active airflow (fans) to maintain safe operating temperatures.
- ⤷
What is the difference between XC-CUT and straight fin heat sinks?
- ⤷ How do I calculate if the 10mm height is sufficient for my TDP requirements?
- ⤷ Are there alternative mounting options if my PCB doesn't have pushPIN holes?