ATS-08F-115-C3-R0
AI

The **ATS-08F-115-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The part is characterized by its physical dimensions and thermal resistance properties.
| Specification | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 22.9mm |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface** | T766 (Pre-applied Thermal Phase Change Material) |
---
### 2. Design Features
The "electronic" functionality of this part is purely passive, but its architecture is engineered for high-efficiency heat dissipation:
* **Spread Fin Design:** The fins are tapered and angled outward. This geometry reduces pressure drop and increases the surface area exposed to airflow, making it more efficient than standard straight-fin heat sinks.
* **pushPIN™ Attachment:** It uses a specialized mechanical attachment system that provides a specific amount of "force" (pressure) on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Blue Anodized Coating:** The blue coating isn't just for aesthetics; it provides increased surface emissivity and corrosion resistance.
---
### 3. Thermal Performance
The efficiency of this heat sink depends on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 5.45 |
| **400 (2.0 m/s)** | 3.17 |
| **600 (3.0 m/s)** | 2.52 |
---
### 4. Implementation Example
To use this part in an electronic project, you would typically follow these steps:
```markdown
1. Identify the chip (e.g., FPGA) with a 40x40mm footprint.
2. Ensure the PCB has the specific hole pattern for the pushPIN™ clips.
3. Remove the protective film from the pre-applied T766 thermal pad.
4. Align the heat sink and snap the pins into the PCB.
```
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Is this heat sink suitable for natural convection cooling without a fan?