ATS-08F-119-C3-R0
AI

The **ATS-08F-119-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 4.77°C/W @ 100 LFM |
| **Thermal Interface Material** | T412 (High Performance) |
| **Compliance** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08**: Series designation (specific push-pin type).
* **F**: Fin pitch/density indicator (Fine pitch).
* **119**: Specific model size/configuration.
* **C3**: Thermal Interface Material (TIM) type and color code (C3 usually denotes a blue anodized finish).
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic Cooling Components
#### A. The Heatsink (Passive Element)
The primary role of the aluminum body is to increase the surface area of the heat-generating component. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
#### B. Push-Pin Attachment
Instead of using messy adhesives or permanent solder, this part uses a mechanical **Push-Pin** system with a built-in spring. This ensures:
1. **Constant Pressure:** Maintains optimal contact between the heatsink and the chip.
2. **Vibration Resistance:** Secure enough for automotive or industrial applications.
3. **Removability:** Can be uninstalled for board maintenance without damaging the PCB.
#### C. Thermal Interface Material (TIM)
The "C3" specification includes pre-applied **T412** thermal tape. This material fills the microscopic air gaps between the chip and the heatsink, significantly reducing thermal resistance compared to dry contact.
---
### 4. Application Use-Case
This part is typically found in:
* **Network Switches:** Cooling high-speed processing chips.
* **Industrial PCs:** Where high airflow might be limited.
* **Embedded Systems:** Providing a reliable mechanical mount that survives shipping and handling better than adhesive-only heatsinks.
- ⤷
What is the significance of the 100 LFM airflow rating for this heatsink?
- ⤷ Can the T412 thermal interface material be replaced with liquid thermal paste?
- ⤷ How do I calculate if the 4.77°C/W resistance is sufficient for my specific chip?