ATS-08F-123-C2-R0
AI

The **ATS-08F-123-C2-R0** is a specific model of a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Attachment Method** | Push Pins (Plastic/Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~4.16°C/W (at 200 LFM) |
| **Fin Type** | XCUT (Straight Fin with cross-cuts) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08**: Series/Attachment type (specifically related to the push-pin pitch/style).
* **F**: Fin Pitch (Fine pitch for optimized surface area).
* **123**: Physical dimensions and internal geometry code.
* **C2**: Material and Finish (Blue Anodized Aluminum).
* **R0**: Revision or specific packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no moving parts), it serves critical functions in an electronic assembly:
1. **Thermal Management**: It increases the effective surface area of a semiconductor, allowing heat to dissipate into the surrounding air via convection.
2. **Protection**: By maintaining a lower junction temperature, it prevents "thermal throttling" and extends the lifespan of sensitive electronic components.
3. **Mechanical Stability**: The push-pin attachment (with springs) ensures constant, even pressure across the top of the electronic chip, which is vital for the efficiency of the Thermal Interface Material (TIM).
---
### 4. Component Components
* **The Heat Sink Body**: Extruded aluminum with XCUT patterns to increase turbulence in airflow, which improves cooling efficiency.
* **Push Pins**: Typically made of plastic or brass, designed to snap into pre-drilled holes in the PCB.
* **Compression Springs**: These provide the "clamping force" needed to keep the heat sink flush against the component.
* **Thermal Interface Material (TIM)**: Usually comes pre-applied to the base to fill microscopic air gaps between the component and the metal.
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal dissipation?
- ⤷ How do I determine if the 45mm x 45mm size is compatible with my PCB layout?
- ⤷ What is the difference between XCUT fins and standard straight fins?