ATS-08F-128-C2-R0
AI

The **ATS-08F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, or power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 2.91°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height** | 25.00 mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Elements
#### A. XCUT (Cross-Cut) Fin Design
Unlike traditional straight-fin heat sinks, the XCUT design features gaps between fins. This allows for:
* **Omnidirectional Airflow:** It can receive cooling air from multiple directions, making it ideal for systems where the airflow path is not strictly linear.
* **Weight Reduction:** The cross-cutting reduces the overall weight of the aluminum block without significantly sacrificing surface area.
#### B. pushPIN™ Attachment System
This part uses a specialized mechanical attachment system instead of thermal adhesive:
* **Reliability:** Provides constant pressure (force) on the component, ensuring optimal contact with the heat source.
* **Ease of Assembly:** Uses a spring-loaded pin that snaps into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance phase-change material or grease that fills microscopic air gaps between the heat sink and the chip to maximize heat transfer efficiency.
---
### 3. Application Use Cases
This specific heat sink is typically used in industrial and high-speed computing environments:
* **Networking Equipment:** Routers and switches with high-density processing.
* **Embedded Systems:** Industrial PCs where vertical clearance is approximately 25mm.
* **Power Electronics:** Cooling MOSFETs or power conversion modules.
- ⤷
How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the specific hole pattern required on the PCB for the pushPIN attachment?
- ⤷ Can this heat sink be used with a custom fan for active cooling?