ATS-08F-132-C2-R0
AI

The **ATS-08F-132-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Fine Pitch (Cross-Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Resistance** | ~2.66°C/W (at 100 LFM) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
The "Fine Pitch" design increases the surface area available for heat exchange. This is critical for high-density electronic assemblies where airflow might be restricted.
#### B. Attachment Mechanism (pushPIN™)
Instead of messy adhesives or simple clips, this part uses a **Push-Pin** system:
* **Spring-loaded:** Ensures consistent pressure (clamping force) across the component for optimal heat transfer.
* **Hardware:** It typically uses brass or plastic pins with stainless steel springs.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with a **T766 Phase Change Material**.
* This fills microscopic air gaps between the chip and the heat sink.
* It improves thermal conductivity compared to using the heat sink "dry."
---
### 3. Dimensional Layout
| Dimension | Measurement |
| :--- | :--- |
| **Length (A)** | 54.00 mm |
| **Width (B)** | 54.00 mm |
| **Height (C)** | 25.00 mm |
| **Pitch (E)** | 47.00 mm (Distance between pins) |
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling processors in industrial computers.
* **Telecommunications:** Managing heat in high-speed networking switches.
* **Power Supplies:** Dissipating heat from large MOSFETs or IGBTs.
- ⤷
How does the blue anodized finish affect thermal performance compared to bare aluminum?
- ⤷ What are the specific hole patterns required on the PCB for the push-pin installation?
- ⤷ How does the thermal resistance change as airflow (LFM) increases?