ATS-08F-142-C1-R0
AI

The **ATS-08F-142-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Fin Type** | XC (Extra Coarse) / Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 4.83°C/W (at 100 LFM) |
| **Dimensions** | 30.00mm x 30.00mm |
| **Height** | 15.00mm |
| **Finish** | Blue Anodized |
---
### 2. Key Electronic Components
This part is not an active electronic circuit but consists of several critical mechanical-electronic interfacing parts:
1. **Heat Sink Body:** Extruded aluminum with high thermal conductivity. The straight-fin design allows for efficient airflow in both passive and active cooling environments.
2. **Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or a pre-applied phase-change material. This fills microscopic air gaps between the heat sink and the electronic chip (IC) to ensure maximum heat transfer.
3. **Push-Pin Fasteners:** The "R0" designation refers to the mounting kit. It uses plastic push-pins and springs to provide constant, uniform pressure across the component, ensuring the TIM remains effective even during vibration or temperature cycling.
---
### 3. Application Use Cases
The ATS-08F-142-C1-R0 is commonly used in the following electronic systems:
* **Networking Hardware:** Routers, switches, and modems.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) on a PCB.
* **Telecommunications:** Cooling of high-speed data processing units.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.83 |
| 200 | 1.0 | 2.50 |
| 400 | 2.0 | 1.60 |
| 600 | 3.0 | 1.30 |
- ⤷
What are the advantages of using push-pin mounting over adhesive tape?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?
- ⤷ What is the weight of the ATS-08F-142-C1-R0?