ATS-08F-152-C1-R0
AI

The **ATS-08F-152-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **Fin Style** | XC-CUT (Cross-cut) |
| **Thermal Resistance** | 3.28°C/W (at 200 LFM) |
| **RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **08**: Indicates the series or specific design family.
* **F**: Likely refers to the specific fin density or configuration.
* **152**: A dimensional code representing the specific footprint and height.
* **C1**: Denotes the material and finish (Copper/Aluminum with specific coating).
* **R0**: Revision code or packaging indicator.
---
### 3. Key Electronic Functions & Components
#### A. Thermal Interface Material (TIM)
Most "R0" variants in this series come pre-applied with a high-performance **Phase Change Material (PCM)** or thermal grease. This fills the microscopic air gaps between the heat sink base and the electronic chip, ensuring maximum heat transfer.
#### B. The pushPIN™ Attachment System
The "F" in the series often highlights the inclusion of a specialized mounting system. This includes:
* **Brass/Plastic Push Pins:** Used to secure the heat sink to the PCB.
* **Compression Springs:** These provide a precise "force" (pressure) to ensure the heat sink remains in contact with the chip without cracking the silicon or the PCB.
#### C. XC-CUT Fin Design
The "XC-CUT" design is an electronic engineering choice for **multi-directional airflow**. Unlike straight-fin heat sinks, which require air to blow in one specific direction, the cross-cut design allows the electronic system's cooling fans to push air from various angles, making it ideal for crowded PCB environments.
---
### 4. Typical Applications
This component is commonly found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling for Voltage Regulator Modules (VRMs).
- ⤷
What is the difference between active and passive cooling for this heat sink?
- ⤷ How do I calculate if the 3.28°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there different spring tension options for the pushPIN system?