ATS-08F-160-C2-R0
AI

The **ATS-08F-160-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Type** | push-PIN™ Heat Sink | Uses a spring-loaded pin mechanism for attachment. |
| **Material** | Aluminum | Lightweight with high thermal conductivity. |
| **Dimensions** | 45mm x 45mm x 15mm | Standard footprint for medium-sized ICs. |
| **Fin Style** | XC-CUT | Cross-cut design for multi-directional airflow. |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) | Efficiency of heat transfer to the air. |
| **Attachment** | Push-Pin (Plastic/Brass) | Secure, tool-less mechanical mounting. |
| **TIM** | T766 | Pre-applied Thermal Interface Material (Phase Change). |
| **Finish** | Blue Anodized | Protects against corrosion and improves aesthetics. |
---
### 2. Key Design Elements
#### A. Fin Geometry (XC-CUT)
Unlike straight-fin heat sinks, the "XC-CUT" or cross-cut pattern allows air to enter and exit from various angles. This is crucial in dense electronic enclosures where airflow may not be strictly linear.
#### B. Attachment Mechanism (push-PIN™)
The assembly uses a standardized hole pattern (in this case, 38mm x 38mm spacing).
* **Compression Springs:** Ensure even pressure across the component surface, maximizing the effectiveness of the thermal grease.
* **Reliability:** Mechanical pins are more durable than adhesive tapes in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a high-performance phase-change material that melts at operating temperatures to fill microscopic air gaps between the heat sink and the chip.
---
### 3. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and high-speed modems.
* **Power Electronics:** Voltage regulators and power modules.
* **Computing:** Secondary cooling for chipsets or FPGA modules.
---
- ⤷
How does the thermal resistance of this part change with different airflow speeds?
- ⤷ What are the specific mounting hole dimensions required for the ATS-08F-160-C2-R0?
- ⤷ Can the pre-applied T766 TIM be replaced with standard thermal paste?