ATS-08F-169-C2-R0
AI

The **ATS-08F-169-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **push-pin** attachment series and is specifically designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08F-169-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 10.00 mm (Low Profile)
* **Hole Pattern:** 38.00 mm (Distance between push-pin holes)
---
## 3. Performance Characteristics
The "C2" in the part number indicates a specific thermal configuration and material choice.
### Thermal Resistance
This value indicates how many degrees Celsius the component temperature will rise per watt of power dissipated ($^\circ\text{C/W}$). Performance varies based on airflow:
* **Unducted Flow:** ~15.71 $^\circ\text{C/W}$ @ 200 LFM (Linear Feet per Minute)
* **High Velocity Flow:** ~6.67 $^\circ\text{C/W}$ @ 700 LFM
### Fin Design
The unit features **Straight Fins**, which are optimized for high-velocity airflow environments where air is forced through the channels in a specific direction.
---
## 4. Key Components Explained
1. **Blue Anodized Finish:** This is not just for aesthetics; the anodization process provides a thin layer of protection against corrosion and slightly improves radiant heat emissivity.
2. **Push-Pin Attachment:** This uses a plastic pin and a metal spring. The spring ensures constant, even pressure on the chip, which is vital for maintaining a consistent thermal bond.
3. **T766 TIM:** The base of the heat sink comes with a pre-applied Phase Change Material (PCM). When the component heats up, this material softens to fill microscopic air gaps between the chip and the heat sink.
- ⤷
What are the advantages of using push-pins over adhesive tape for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ Are there taller versions of the ATS-169 series available?